this document was generated on 10/29/2015 please check www.molex.com for latest part information part number: 1301800314 status: active overview: strain-relief cord grips description: max-loc? o-ring, 1/2" npt documents: drawing (pdf) product literature (pdf) rohs certificate of compliance (pdf) general product family cable grips series 130180 comments indicates that one or more grommet hole is covered by a thin membrane which can easily be "poked" open if required. eye type n/a o-ring yes overview strain-relief cord grips product literature order no 987650-8064 product name max-loc? type o-ring upc 78678802153 use with 1/2" npt max-loc? strain relief 130096 , 130097 , 130098 , 130099 woodhead yes physical approximate break strength n/a bale length n/a body style straight cable diameter n/a color - grommet n/a gender n/a material - body n/a material - grip n/a mesh length n/a net weight 0.450/g number of holes 1 thread size 1/2" npt material info old part number 00-0820 reference - drawing numbers sales drawing sd-130180-314 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc contains svhc(2014 december 17): yes di-(2- ethylhexyl)phthalat halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant search parts in this series 130180 series this document was generated on 10/29/2015 please check www.molex.com for latest part information
|